PART |
Description |
Maker |
SC5205-2.5CSKTR SC5205-3.6CSKTR SC5205-3.0CSKTR SC |
RES 5.9K OHM 1/16W 0.1% 0402 SMD 150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator 150mA Ultra Low Dropout/ Low Noise Micropower Linear Regulator
|
SEMTECH[Semtech Corporation]
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NCV8664ST50T3G |
Ultra−Low Iq Low Dropout Linear Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3
|
ON Semiconductor
|
MAX8880 MAX8880EUT-T MAX8881 MAX8881EUT18-T MAX888 |
RES 100-OHM 5% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM UNMARKED 1.25 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AP7363-XXSP-13 AP7363-XXE-13 AP7363-XXHA-7 AP7363- |
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 GREEN, SOT-223, 4 PIN
|
Diodes Incorporated Diodes, Inc.
|
MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX |
Low-Dropout, 300mA Linear Regulator in レMAX 2.77 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA Linear Regulator in レMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA
Linear Regulator in µMAX Low-Dropout, 300mA Linear Regulator in ??AX Low-Dropout, 300mA Linear Regulator in μMAX Low-Dropout, 300mA Linear Regulator in MAX Low-Dropout / 300mA Linear Regulator in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
APE8951 |
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
|
Advanced Power Electronics Corp.
|
EUP7963-15KAIR1 EUP7963-18KAIR1 EUP7963-25KAIR1 |
3A Ultra Low-Dropout Linear Regulator
|
德信科技股份有限公司
|
AZ39151D4-5.0TRG1 AZ39151D4-5.0G1 AZ39151D4-3.3E1 |
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manuf...
|
TJ4230GRS-2.5V-3L TJ4230GR-2.5V-3L TJ4230GRS-2.5V- |
3A Ultra Low Dropout Linear Regulator
|
HTC Korea TAEJIN Technology Co. HTC Korea TAEJIN Techno...
|
TJ4940S-1.2 TJ4940GRS-2.5-3L TJ4940GRS-1.8-3L TJ49 |
1A Ultra Low Dropout Linear Regulator
|
HTC Korea TAEJIN Technology Co.
|
UP8809PDD8 UP8809PSF8 UP8809PSW8 |
2A Ultra Low Dropout Linear Regulator
|
uPI Group Inc.
|